| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT88SC0104C bảng dữ liệu(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C bảng dữ liệu(HTML) 40 Page - ATMEL Corporation |
|
40 / 58 page ![]() 37 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C CryptoMemory will only operate at baud rates above the default 9600 baud through a successful PPS exchange. CryptoMemory cannot be set to higher baud rates through use of a TA(2) byte in the ATR. 8.4 Command Set Table 8-2. CryptoMemory Asynchronous Command Set Command Description CLA INS P1 P2 P3 Data (N) B0 Write User Zone Normal (0104C-1616C) $00 $B0 addr addr N ≤$10 N bytes Normal (3216C, 6416C) $00 $B0 addr addr N ≤$40 N bytes Normal (12816C, 25616C) $00 $B0 addr addr N ≤$80 N bytes with Anti-Tearing (all dvcs) $00 $B0 addr addr N ≤$08 N bytes B2 Read User Zone $00 $B2 addr addr N B4 System Write Write Config Zone (Devices 0104C-1616C) $00 $B4 $00 addr N ≤$10 N bytes Write Config Zone (Devices 3216C, 6416C) $00 $B4 $00 addr N ≤$40 N bytes Write Config Zone (Devices 12816C, 25616C) $00 $B4 $00 addr N ≤$80 N bytes Write Fuses $00 $B4 $01 fuse ID $00 Set User Zone $00 $B4 $03 zone $00 Write Config Zone w/a-t $00 $B4 $08 addr N ≤$08 N bytes Set User Zone w/a-t $00 $B4 $0B zone $00 B6 System Read Read Config Zone $00 $B6 $00 addr N Read Fuse Byte $00 $B6 $01 $00 $01 BA Verify Password Write Password $00 $BA $0X $00 $03 3 byte password X=password set (0-7) Read Password $00 $BA $1X $00 $03 3 byte password X=password set (0-7) |