| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT88SC0104C bảng dữ liệu(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC0104C bảng dữ liệu(HTML) 28 Page - ATMEL Corporation |
|
28 / 58 page ![]() 25 5210B–SMIC–11/08 AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C 7.3 Command Format Most CryptoMemory commands have the same format as a two wire interface (TWI) write com- mand. The TWI write command is characterized by a zero in the LSB of the first byte (device address). The number of word address bytes in a TWI write command will vary depending on the size of the memory being addressed. All bytes whether part of the command or data are generated by the host and sent to the memory device that will acknowledge each byte. Table 7-1. CryptoMemory Synchronous Command Set Command Description Command Addr 1 Addr 2 N Data (N) Write User Zone Normal (AT88SC0104C-AT88SC1616C) $B0 addr addr N ≤$10 N bytes Normal (AT88SC3216C, AT88SC6416C) $B0 addr addr N ≤$40 N bytes Normal (AT88SC12816C, AT88SC25616C) $B0 addr addr N ≤$80 N bytes with Anti-Tearing (all devices) $B0 addr addr N ≤08 N bytes Read User Zone $B2 addr addr N System Write Write Config Zone (AT88SC0104C-AT88SC1616C) $B4 $00 addr N ≤$10 N bytes Write Config Zone (AT88SC3216C, AT88SC6416C) $B4 $00 addr N ≤$40 N bytes Write Config Zone (AT88SC12816C, AT88SC25616C) $B4 $00 addr N ≤$80 N bytes Write Fuses $B4 $01 fuse ID $00 Set User Zone $B4 $03 zone $00 Write Config Zone with Anti-Tearing $B4 $08 addr N ≤$08 N bytes Set User Zone with Anti-Tearing $B4 $0B zone $00 System Read Read Config Zone $B6 $00 addr N Read Fuse Byte $B6 $01 $00 $01 Verify Password Write Password $BA $0X $00 $03 3 byte password X=password set (0-7) Read Password $BA $1X $00 $03 3 byte password X=password set (0-7) |