| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATA5425-PLSW bảng dữ liệu(PDF) 58 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATA5425-PLSW bảng dữ liệu(HTML) 58 Page - ATMEL Corporation |
|
58 / 100 page ![]() 58 4841D–WIRE–10/07 ATA5423/ATA5425/ATA5428/ATA5429 Figure 9-6. Timing Diagram for Failed Bit Check (Condition CV_Lim < Lim_min) Figure 9-7. Timing Diagram for Failed Bit Check (Condition: CV_Lim ≥ Lim_max) 9.1.6 Duration of the Bit Check If no transmitter is present during the bit check, the output of the ASK/FSK demodulator delivers random signals. The bit check is a statistical process and T Bit-check varies for each check. There- fore, an average value for T Bit-check is given in the electrical characteristics. TBit-check depends on the selected bit-rate range and on T XDCLK. A higher bit-rate range causes a lower value for T Bit-check, resulting in a lower current consumption in RX polling mode. Start-up mode T Sleep T Bit_check T Startup_Sig_Proc Bit check mode Sleep mode 1/2 Bit RX_ACTIVE Demod_Out Bit-check counter Bit check (Lim_min = 14, Lim_max = 24) Bit check failed (CV_Lim < Lim_min) 1 23456 7 8 1 234 5 67 89 101112 0 0 Start-up mode T Sleep T Bit_check T Startup_Sig_Proc Bit check mode Sleep mode 1/2 Bit RX_ACTIVE Demod_Out Bit-check counter Bit check (Lim_min = 14, Lim_max = 24) Bit check failed (CV_Lim < Lim_min) 1 2345678 1234 567 89 101112 0 0 131415161718192021222324 |