công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1504ASVL-20JC44 bảng dữ liệu(PDF) 12 Page - ATMEL Corporation

tên linh kiện ATF1504ASVL-20JC44
Giải thích chi tiết về linh kiện  Low-voltage, Complex Programmable Logic Device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASVL-20JC44 bảng dữ liệu(HTML) 12 Page - ATMEL Corporation

Back Button ATF1504ASVL-20JC44 Datasheet HTML 8Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 9Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 10Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 11Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 12Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 13Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 14Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 15Page - ATMEL Corporation ATF1504ASVL-20JC44 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
ATF1504ASV(L)
1409J–PLD–6/05
Timing Model
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is VCC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
Input
Delay
t
IN
Switch
Matrix
t
UIM
Foldback Term
Delay
t
SEXP
Register Control
Delay
t
LAC
t
IC
t
EN
Logic Array
Delay
t
LAD
Global Control
Delay
t
GLOB
Internal Output
Enable Delay
t
IOE
Cascade Logic
Delay
t
PEXP
Fast Input
Delay
t
FIN
Register
Delay
t
SU
t
H
t
PRE
t
CLR
t
RD
t
COMB
t
FSU
t
FH
Output
Delay
t
OD1
t
OD2
t
OD3
t
XZ
t
ZX1
t
ZX2
t
ZX3
I/O
Delay
t
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com