công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1504ASL bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATF1504ASL
Giải thích chi tiết về linh kiện  Highperformance Complex Programmable Logic Device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATF1504ASL Datasheet HTML 1Page - ATMEL Corporation ATF1504ASL Datasheet HTML 2Page - ATMEL Corporation ATF1504ASL Datasheet HTML 3Page - ATMEL Corporation ATF1504ASL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
ATF1504AS(L)
0950O–PLD–7/05
Block Diagram
Unused product terms are automatically disabled by the compiler to decrease power
consumption. A security fuse, when programmed, protects the contents of the
ATF1504AS. Two bytes (16 bits) of User Signature are accessible to the user for pur-
poses such as storing project name, part number, revision or date. The User Signature
is accessible regardless of the state of the security fuse.
The ATF1504AS device is an in-system programmable (ISP) device. It uses the indus-
try-standard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully-compliant with JTAG’s
Boundary-scan Description Language (BSDL). ISP allows the device to be programmed
without removing it from the printed circuit board. In addition to simplifying the manufac-
turing flow, ISP also allows design modifications to be made in the field via software.
I/O (MC64)/GCLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35