công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5461A bảng dữ liệu(PDF) 34 Page - Cirrus Logic

tên linh kiện CS5461A
Giải thích chi tiết về linh kiện  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A bảng dữ liệu(HTML) 34 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic CS5461A Datasheet HTML 37Page - Cirrus Logic CS5461A Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
CS5461A
34
DS661F2
6.23 Temperature Offset Register ( Toff )
Address: 30
Default = 0xF3D35A = -0.0951126
Temperature offset (Toff) is used to remove the temperature channel’s offset at the zero degree reading. Values
are represented in two's complement notation and in the range of -1.0
≤ Toff < 1.0, with the binary point to the
right of the MSB.
6.24 Apparent Power Register ( S )
Address: 31
Apparent power (S) is the product of the VRMS and IRMS. The value is represented in unsigned binary notation
and in the range of 0.0
≤ S < 1.0, with the binary point to the left of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44