công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA8933B bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện TDA8933B
Giải thích chi tiết về linh kiện  Class D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933B bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button TDA8933B Datasheet HTML 17Page - NXP Semiconductors TDA8933B Datasheet HTML 18Page - NXP Semiconductors TDA8933B Datasheet HTML 19Page - NXP Semiconductors TDA8933B Datasheet HTML 20Page - NXP Semiconductors TDA8933B Datasheet HTML 21Page - NXP Semiconductors TDA8933B Datasheet HTML 22Page - NXP Semiconductors TDA8933B Datasheet HTML 23Page - NXP Semiconductors TDA8933B Datasheet HTML 24Page - NXP Semiconductors TDA8933B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
TDA8933B_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 23 October 2008
21 of 42
NXP Semiconductors
TDA8933B
Class D audio amplifier
[1]
RS is the total series resistance of an inductor and a ESR single ended capacitor in the application.
[2]
Output power is measured indirectly; based on RDSon measurement.
[3]
THD+N is measured in a bandwidth of 20 Hz to 20 kHz, AES17 brick wall.
[4]
B = 22 Hz to 20 kHz, AES17 brick wall.
[5]
14. Application information
14.1 Output power estimation
The output power Po at THD+N = 0.5 %, just before clipping, for the SE and the BTL
configurations can be estimated using Equation 2 and Equation 3.
Table 13.
BTL characteristics
VP = 25 V, RL = 16 Ω, fi = 1 kHz, fosc = 320 kHz, RS < 0.1 Ω [1] and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po(RMS)
RMS output power
continuous time output power[2]
RL = 8 Ω; VP = 17 V
THD+N = 0.5 %, fi = 1 kHz
11.9
13.7
-
W
THD+N = 0.5 %, fi = 100 Hz
-
13.7
-
W
THD+N = 10 %, fi = 1 kHz
15.4
17.1
-
W
THD+N = 10 %, fi = 100 Hz
-
17.1
-
W
RL = 16 Ω; VP = 25 V
THD+N = 0.5 %, fi = 1 kHz
14.9
16.5
-
W
THD+N = 0.5 %, fi = 100 Hz
-
16.5
-
W
THD+N = 10 %, fi = 1 kHz
18.9
20.6
-
W
THD+N = 10 %, fi = 100 Hz
-
20.6
-
W
THD+N
total harmonic
distortion-plus-noise
Po = 1 W
[3]
fi = 1 kHz
-
0.01
0.1
%
fi = 6 kHz
-
0.04
0.1
%
Gv(cl)
closed-loop voltage gain
35
36
37
dB
|Zi|
input impedance
differential
35
50
-
k
Ω
Vn(o)
output noise voltage
Ri = 0 Ω
Operating mode
[4] -
100
150
µV
Mute mode
[4] -
70
100
µV
VO(mute)
mute output voltage
Mute mode; Vi = 1 V (RMS)
-
100
-
µV
CMRR
common mode rejection
ratio
Vi(cm) = 1 V (RMS)
-
75
-
dB
ηpo
output power efficiency
Po = 17 W; VP = 17 V; RL = 8 Ω
[5] 89
91
-
%
Po = 21 W; VP = 25 V; RL = 16 Ω
92
94
-
%
η
po
2P
o
⋅
2P
o
⋅
P
+
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com