công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC952 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện P89LPC952
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC952 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC952 Datasheet HTML 9Page - NXP Semiconductors P89LPC952 Datasheet HTML 10Page - NXP Semiconductors P89LPC952 Datasheet HTML 11Page - NXP Semiconductors P89LPC952 Datasheet HTML 12Page - NXP Semiconductors P89LPC952 Datasheet HTML 13Page - NXP Semiconductors P89LPC952 Datasheet HTML 14Page - NXP Semiconductors P89LPC952 Datasheet HTML 15Page - NXP Semiconductors P89LPC952 Datasheet HTML 16Page - NXP Semiconductors P89LPC952 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
13 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
[1]
Input/output for P1.0 to P1.4, P1.6, P1.7. Input for P1.5.
P4.4
21
26
20
I/O
P4.4 — Port 4 bit 4.
P4.5/TDI
20
25
19
I/O
P4.5 — Port 4 bit 5.
I/O
TDI — Serial data input/output for debugger interface.
P4.6
19
24
18
I/O
P4.6 — Port 4 bit 6.
P4.7/TCLK
18
23
17
I/O
P4.7 — Port 4 bit 7.
I
TCLK — Serial clock input for debugger interface.
P5.0 to P5.7
I/O
Port 5: Port 5 is an 8-bit I/O port with a user-configurable
output type. During reset Port 5 latches are configured in the
input only mode with the internal pull-up disabled. The
operation of Port 5 pins as inputs and outputs depends upon
the port configuration selected. Each port pin is configured
independently. Refer to Section 7.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
All pins have Schmitt triggered inputs.
Port 5 also provides various special functions as described
below:
P5.0
16
21
15
I/O
P5.0 — Port 5 bit 0. High current source.
P5.1
15
20
14
I/O
P5.1 — Port 5 bit 1. High current source.
P5.2
14
19
13
I/O
P5.2 — Port 5 bit 2. High current source.
P5.3
13
18
12
I/O
P5.3 — Port 5 bit 3. High current source.
P5.4
12
17
11
I/O
P5.4 — Port 5 bit 4. High current source.
P5.5
11
16
10
I/O
P5.5 — Port 5 bit 5. High current source.
P5.6
10
15
9
I/O
P5.6 — Port 5 bit 6. High current source.
P5.7
9
14
8
I/O
P5.7 — Port 5 bit 7. High current source.
VSS
17, 45
3, 22
16, 41
I
Ground: 0 V reference.
VREFN
44
-
-
negative ADC reference voltage
VDD
8, 32
13, 36
7, 30
I
Power supply: This is the power supply voltage for normal
operation as well as Idle and Power-down modes.
VREFP
33
-
-
positive ADC reference voltage
Table 3.
Pin description …continued
Symbol
Pin
Type Description
LQFP48
PLCC44
LQFP44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com