công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC952 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện P89LPC952
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC952 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC952 Datasheet HTML 5Page - NXP Semiconductors P89LPC952 Datasheet HTML 6Page - NXP Semiconductors P89LPC952 Datasheet HTML 7Page - NXP Semiconductors P89LPC952 Datasheet HTML 8Page - NXP Semiconductors P89LPC952 Datasheet HTML 9Page - NXP Semiconductors P89LPC952 Datasheet HTML 10Page - NXP Semiconductors P89LPC952 Datasheet HTML 11Page - NXP Semiconductors P89LPC952 Datasheet HTML 12Page - NXP Semiconductors P89LPC952 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
9 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type Description
LQFP48
PLCC44
LQFP44
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable
output type. During reset Port 0 latches are configured in the
input only mode with the internal pull-up disabled. The
operation of Port 0 pins as inputs and outputs depends upon
the port configuration selected. Each port pin is configured
independently. Refer to Section 7.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described
below:
P0.0/CMP2/
KBI0/AD05
40
43
37
I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output.
I
KBI0 — Keyboard input 0.
I
AD05 — ADC0 channel 5 analog input.
P0.1/CIN2B/
KBI1/AD00
39
42
36
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
I
AD00 — ADC0 channel 0 analog input.
P0.2/CIN2A/
KBI2/AD01
38
41
35
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
I
AD01 — ADC0 channel 1 analog input.
P0.3/CIN1B/
KBI3/AD02
37
40
34
I/O
P0.3 — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I
AD02 — ADC0 channel 2 analog input.
P0.4/CIN1A/
KBI4/AD03
36
39
33
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
I
AD03 — ADC0 channel 3 analog input.
P0.5/CMPREF/
KBI5
35
38
32
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com