| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2292 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2292 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 53 page ![]() LPC2292_2294_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 7 — 4 December 2008 4 of 53 NXP Semiconductors LPC2292/LPC2294 16/32-bit ARM microcontrollers with external memory interface 4. Block diagram (1) When test/debug interface is used, GPIO/other functions sharing these pins are not available. (2) Pins shared with GPIO. (3) Available in LPC2294 only. (4) SSP interface and high-speed GPIO are available on LPC2292/2294/01 only. Fig 1. Block diagram 002aad184 system clock SCL P0[30:0] P2[31:0] P1[31:16], P1[1:0] P3[31:0] SDA CS3 to CS0(2) A23 to A0(2) BLS3 to BLS0(2) OE, WE(2) D31 to D0(2) TRST(1) TMS(1) TCK(1) TDI(1) TDO(1) XTAL2 XTAL1 SCK1 MOSI1 MISO1 EINT3 to EINT0 4 × CAP0 4 × CAP1 4 × MAT1 4 × MAT0 AIN3 to AIN0 AIN7 to AIN4 PWM6 to PWM1 SSEL1 TD2, TD1 RD2, RD1 TD4, TD3(3) RD4, RD3(3) TXD0, TXD1 RXD0, RXD1 DSR1, CTS1, DCD1, RI1 AMBA AHB (Advanced High-performance Bus) AHB BRIDGE TEST/DEBUG INTERFACE AHB DECODER AHB TO APB BRIDGE APB DIVIDER VECTORED INTERRUPT CONTROLLER SYSTEM FUNCTIONS PLL SPI1/SSP(4) SERIAL INTERFACE I2C-BUS SERIAL INTERFACE UART0/UART1 CAN WATCHDOG TIMER EXTERNAL INTERRUPTS GENERAL PURPOSE I/O PWM0 CAPTURE/ COMPARE TIMER 0/TIMER 1 A/D CONVERTER ARM7TDMI-S LPC2292 LPC2294 INTERNAL SRAM CONTROLLER 16 kB SRAM ARM7 local bus APB (advanced peripheral bus) SCK0 MOSI0 MISO0 SSEL0 SPI0 SERIAL INTERFACE REAL-TIME CLOCK SYSTEM CONTROL INTERNAL FLASH CONTROLLER 256 kB FLASH RESET EXTERNAL MEMORY CONTROLLER P0, P1 HIGH-SPEED GPIO(4) 48 PINS TOTAL |