| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5633MMLL40 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMLL40 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
|
10 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 10 2 Overview This document provides electrical specifications, pin assignments, and package diagrams for the MPC5634M series of microcontroller units (MCUs). For functional characteristics, refer to the MPC5634M Microcontroller Reference Manual. The MPC5634M series microcontrollers are system-on-chip devices that are built on Power Architecture® technology and: • Are 100% user-mode compatible with the Power Architecture instruction set • Contain enhancements that improve the architecture’s fit in embedded applications • Include additional instruction support for digital signal processing (DSP) • Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter, Controller Area Network, and an enhanced modular input-output system |