| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5633MMLL40 bảng dữ liệu(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5633MMLL40 bảng dữ liệu(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 106 page ![]() 3.5 208 MAPBGA ballmap (MPC5633M only) Figure 6 shows the 208-pin MAPBGA ballmap for the MPC5633M (1024 KB flash memory) as viewed from above. Figure 6. 208-pin MAPBGA ballmap (MPC5633M; top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 A VSS AN9 AN11 VDDA1 VSSA1 AN1 AN5 VRH VRL AN27 VSSA0 AN12-SDS ALT_ MDO2 ALT_ MDO0 VRC33 VSS B VDD VSS AN38 AN21 AN0 AN4 REFBYPC AN22 AN25 AN28 VDDA0 AN13-SDO ALT_ MDO3 ALT_ MDO1 VSS VDD C VSTBY VDD VSS AN17 AN34 AN16 AN3 AN7 AN23 AN32 AN33 AN14-SDI AN15 FCK VSS ALT_ MSEO0 TCK D VRC33 AN39 VDD VSS AN18 AN2 AN6 AN24 AN30 AN31 AN35 VDDEH7 VSS TMS ALT_EVTO NIC1 1 Pins marked “NIC” have no internal connection. E ETPUA30 ETPUA31 NC2 2 Pins marked “NC” may be connected to internal circuitry. Connections to external circuits or other pins on this device can result in unpredictable system behavior or damage. VDD VDDE7 TDI ALT_ EVTI ALT_ MSEO1 F ETPUA28 ETPUA29 ETPUA26 NC2 VDDEH6 TDO ALT_MCKO JCOMP G ETPUA24 ETPUA27 ETPUA25 ETPUA21 VSS VSS VSS VSS DSPI_B_ SOUT DSPI_B_ PCS3 DSPI_B_ SIN DSPI_B_ PCS0 H ETPUA23 ETPUA22 ETPUA17 ETPUA18 VSS VSS VSS VSS NC2 DSPI_B_ PCS4 DSPI_B_ PCS2 DSPI_B_ PCS1 J ETPUA20 ETPUA19 ETPUA14 ETPUA13 VSS VSS VSS VSS DSPI_B_ PCS5 SCI_A_TX NC2 DSPI_B_ SCK K ETPUA16 ETPUA15 ETPUA7 VDDEH1 VSS VSS VSS VSS CAN_C_ TX SCI_A_RX RSTOUT VDDREG L ETPUA12 ETPUA11 ETPUA6 ETPUA0 SCI_B_TX CAN_C_ RX WKPCFG RESET M ETPUA10 ETPUA9 ETPUA1 ETPUA5 SCI_B_RX PLLREF BOOTCFG1 VSSPLL N ETPUA8 ETPUA4 ETPUA0 VSS VDD VRC33 EMIOS2 EMIOS10 VDDEH1/63 3 This ball may be changed to “NC” (no connection) in a future revision. EMIOS12 eTPUA194 4 eTPU output only channel. VRC33 VSS VRCCTL NIC1 EXTAL P ETPUA3 ETPUA2 VSS VDD NC2 VDDE7 NIC1 EMIOS8 eTPUA293 eTPUA23 eTPUA213 CAN_A_ TX VDD VSS NIC1 XTAL RNIC1 VSS VDD NC2 EMIOS4 NIC1 EMIOS9 EMIOS11 EMIOS14 eTPUA273 EMIOS23 CAN_A_ RX NC2 VDD VSS VDDPLL TVSS VDD NIC1 EMIOS0 NC2 GPIO219 eTPUA253 NC2 NC2 eTPUA43 eTPUA133 NIC1 VDDE5 CLKOUT VDD VSS |