công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5634M bảng dữ liệu(PDF) 58 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5634M
Giải thích chi tiết về linh kiện  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M bảng dữ liệu(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
19 ALT_ADDR/Low for the calibration package with NEXUSCFG=0; EVTI/Up otherwise.
20 In 176-pin and 208-pin packages, the Nexus function is disabled and the pin/ball has the secondary function
21 This signal is not available in the 176-pin and 208-pin packages.
22 The primary function is not selected via the PA field when the pin is a Nexus signal. Instead, it is activated by the Nexus controller.
23 TDI and TDO are required for JTAG operation.
24 The primary function is not selected via the PA field when the pin is a JTAG signal. Instead, it is activated by the JTAG controller.
25 The function and state of the CAN_A and eSCI_A pins after execution of the BAM program is determined by the BOOTCFG1 pin.
26 ETPUA[24:29] are input and output. The input muxing is controlled by SIU_ISEL8 register.
27 eTPU_A[25] is an output only function.
28 Only the output channels of eTPU[8:9] are connected to pins.
29 Only the output of eMIOS[12] is connected to the pin. The DSPI_C_SOUT is not available in this device.
30 The function after reset of the XTAL pin is determined by the value of the signal on the PLLCFG[1] pin. When bypass mode is chosen XTAL has no function
and should be grounded.
31 The function after reset of the EXTAL_EXTCLK pin is determined by the value of the signal on the PLLCFG[1] pin. If the EXTCLK function is chosen, the
valid operating voltage for the pin is 1.62 V to 3.6 V. If the EXTAL function is chosen, the valid operating voltage is 3.3 V.
32 VSSPLL and VSSREG are connected to the same pin.
33 This pin is shared by two pads: VDDA_AN, using pad_vdde_hv, and VDDA_DIG, using pad_vdde_int_hv.
34 This pin is shared by two pads: VSSA_AN, using pad_vsse_hv, and VSSA_DIG, using pad_vsse_int_hv.
35 VDDEH1A, VDDEH1B, and VDDEH1AB are shorted together in all production packages. The separation of the signal names is present to support legacy
naming, however they should be considered as the same signal in this document.
36 LVDS pins will not work at 3.3 V.
37 The VDDEH6 segment may be powered from 3.0 V to 5.0 V for mux address or SSI functions, but must meet the VDDA specifications of 4.5 V to 5.25 V for
analog input function.
38 VDDEH6A and VDDEH6B are shorted together in all production packages. The separation of the signal names is present to support legacy naming, however
they should be considered as the same signal in this document.
39 If using JTAG or Nexus, the I/O segment that contains the JTAG and Nexus pins must be powered by a 5 V supply. The 3.3 V Nexus/JTAG signals are derived
from the 5 volt power supply.
40 In the calibration package this signal is named VDDE12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com