công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5634M bảng dữ liệu(PDF) 36 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5634M
Giải thích chi tiết về linh kiện  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M bảng dữ liệu(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
36
— If the external tool writes a 64-bit password that matches the Serial Boot password stored in the internal flash
shadow row, Censorship is disabled until the next system reset
2.4
MPC5634M series architecture
2.4.1
Block diagram
Figure 1 shows a top-level block diagram of the MPC5634M series.
Figure 1. MPC5634M series block diagram
2.4.2
Block summary
Table 2 summarizes the functions of the blocks present on the MPC5634M series microcontrollers.
PLL
Nexus 2+
MMU
Nexus
SRAM
SIU
Calibration
Interface
eDMA
Reset Control
62 KB
Interrupt
External
IMUX
GPIO &
Engine
JTAG
Nexus
RAM
14 KB/3 KB
2x
ADCI
eTPU
Pad Control
JTAG Port
Nexus Port
Analog
Vstby
e200z335
Interrupt
Blocks & eDMA
SPE
16 Ch.
DSPIs
eMIOS
Controller
2x
CANs
32 Ch.+
AMUX
ADC
Bus
BAM
S
M
M
S
eQADC
NEXUS 1
Peripheral Bridge
Peripheral
Requests from
Interrupt
Request
Interrupt
Request
eDMA, FLASH, Bridge B,
crossbar, SRAM
Configuration
eTPU
I/O
Clocks
Serial
Analog IF
DMA
Requests
from
Peripheral
Blocks
M
Instructions
Data
S
Voltage
Regulator
(1.2 V, 3.3 V,
STB RAM)
NMI
SWT
PIT
critical
STM
NMI
SIU
eSCIs
2x
. . .
. . .
. . .
. . .
(INTC)
ADC
Decimation
Filter
CQM
Temp. Sensor
1.5 MB
Flash
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com