công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745PTP2 bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện TMS320C6745PTP2
Giải thích chi tiết về linh kiện  Floating-point Digital Signal Processor
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TMS320C6745PTP2 Datasheet HTML 45Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 46Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 47Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 48Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 49Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 50Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 51Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 52Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 203 page
background image
4.6.4
CFGCHIP3
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
Table 4-7. CFGCHIP2 Field Description (continued)
Bit
Field
Description
3:0
USB0REF-FREQ[3:0]
USB0 Phy Clock Input Select.
0000 = Reserved
0001 = 12 MHz
0010 = 24 MHz
0011 = 48 MHz
0100 = 19.2 MHz
0101 = 38.4 MHz
0110 = 13 MHz
0111 = 26 MHz
1000 = 20 MHz
1001 = 40 MHz
1010 = Reserved
1011 = Reserved
1100 = Reserved
1101 = Reserved
1110 = Reserved
1111 = Reserved
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
R-n/a
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Reserved
DIV4P5EN
EMA_CL
EMB_C
A
KSRC
LKSRC
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value at reset
Figure 4-7. CFGCHIP3 Register Bit Layout
Table 4-8. CFGCHIP3 Field Description
Bit
Field
Description
31:16
Reserved
Reserved
15:8
Reserved
Reserved
7:3
Reserved
Reserved
2
DIV4P5ENA
Fixed 4.5 divider Enable.
0 = Divide by 4.5 is Disabled. 1 = Divide by 4.5 is Enabled.
1
EMA_CLKSRC
EMIF A Memory Clock Source Select.
0 = EMIFA clock domain is driven by the PLLCTRL SYSCLK3 output.
1 = EMIFA clock domain is driven by the fixed / 4.5 PLL output.
0
EMB_CLKSRC
EMIF B Memory Clock Source Select.
0 = EMIFB SDRAM clock domain is driven by the PLLCTRL SYSCLK5 output.
1 = EMIFB SDRAM clock domain is driven by the fixed / 4.5 PLL output.
Submit Documentation Feedback
Device Configuration
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com