| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF830ASPBF bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
IRF830ASPBF bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
|
1 / 8 page ![]() Document Number: 91062 www.vishay.com S-81352-Rev. A, 16-Jun-08 1 Power MOSFET IRF830AS, IRF830AL, SiHF830AS, SiHF830AL Vishay Siliconix FEATURES • Low Gate Charge Qg Results in Simple Drive Requirement • Improved Gate, Avalanche and Dynamic dV/dt Ruggedness • Fully Characterized Capacitance and Avalanche Voltage and Current • Effective Coss specified • Lead (Pb)-free Available APPLICATIONS • Switch Mode Power Supply (SMPS) • Uninterruptible Power Supply • High speed power switching TYPICAL SMPS TOPOLOGIES • Two Transistor Forward • Half Bridge and Full Bridge Note a. See device orientation. Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 °C, L = 18 mH, RG = 25 Ω, IAS = 5.0 A (see fig. 12). c. ISD ≤ 5.0 A, dI/dt ≤ 370 A/µs, VDD ≤ VDS, TJ ≤ 150 °C. d. 1.6 mm from case. e. Uses SiHF830A data and test conditions. PRODUCT SUMMARY VDS (V) 500 RDS(on) (Max.) (Ω)VGS = 10 V 1.40 Qg (Max.) (nC) 24 Qgs (nC) 6.3 Qgd (nC) 11 Configuration Single N-Channel MOSFET G D S D2PAK (TO-263) G D S I2PAK (TO-262) G D S Available RoHS* COMPLIANT ORDERING INFORMATION Package D2PAK (TO-263) D2PAK (TO-263) I2PAK (TO-262) Lead (Pb)-free IRF830ASPbF IRF830ASTRLPbFa IRF830ALPbF SiHF830AS-E3 SiHF830ASTL-E3a SiHF830AL-E3 SnPb IRF830AS IRF830ASTRLa IRF830AL SiHF830AS SiHF830ASTLa SiHF830AL ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted PARAMETER SYMBOL LIMIT UNIT Drain-Source Voltage VDS 500 V Gate-Source Voltage VGS ± 30 Continuous Drain Current VGS at 10 V TC = 25 °C ID 5.0 A TC = 100 °C 3.2 Pulsed Drain Currenta, e IDM 20 Linear Derating Factor 0.59 W/°C Single Pulse Avalanche Energyb, e EAS 230 mJ Avalanche Currenta IAR 5.0 A Repetiitive Avalanche Energya EAR 7.4 mJ Maximum Power Dissipation TA = 25 °C PD 3.1 W TC = 25 °C 74 Peak Diode Recovery dV/dtc, e dV/dt 5.3 V/ns Operating Junction and Storage Temperature Range TJ, Tstg - 55 to + 150 °C Soldering Recommendations (Peak Temperature) for 10 s 300d * Pb containing terminations are not RoHS compliant, exemptions may apply |
Số phần tương tự - IRF830ASPBF |
|
Mô tả tương tự - IRF830ASPBF |