| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF830ASPBF bảng dữ liệu(PDF) 5 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
IRF830ASPBF bảng dữ liệu(HTML) 5 Page - Vishay Siliconix |
|
5 / 8 page ![]() Document Number: 91062 www.vishay.com S-81352-Rev. A, 16-Jun-08 5 IRF830AS, IRF830AL, SiHF830AS, SiHF830AL Vishay Siliconix Fig. 9 - Maximum Drain Current vs. Case Temperature Fig. 10a - Switching Time Test Circuit Fig. 10b - Switching Time Waveforms Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case Fig. 12a - Unclamped Inductive Test Circuit Fig. 12b - Unclamped Inductive Waveforms 25 50 75 100 125 150 0.0 1.0 2.0 3.0 4.0 5.0 T , Case Temperature ( C) ° C Pulse width ≤ 1 µs Duty factor ≤ 0.1 % R D V GS R G D.U.T. 10 V + - V DS V DD V DS 90 % 10 % V GS t d(on) t r t d(off) t f 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 Notes: 1. Duty factor D = t / t 2. Peak T = P x Z + T 1 2 J DM thJC C P t t DM 1 2 t , Rectangular Pulse Duration (sec) 1 0.01 0.02 0.05 0.10 0.20 D = 0.50 SINGLE PULSE (THERMAL RESPONSE) A R G IAS 0.01 Ω tp D.U.T. L VDS + - VDD Driver 15 V 20 V IAS VDS tp |