công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K03FDFP bảng dữ liệu(PDF) 79 Page - Renesas Technology Corp

tên linh kiện M38K03FDFP
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K03FDFP bảng dữ liệu(HTML) 79 Page - Renesas Technology Corp

Back Button M38K03FDFP Datasheet HTML 75Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 76Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 77Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 78Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 79Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 80Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 81Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 82Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 62 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
–
RXBUF/
TXBUF
–
0
Index =0116 : Transmit/Receive buffer register (RXBUF/TXBUF) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
The data received from an external bus is written here
at the rise timing of external write signal.
The data transmitted to an external bus is written here
at the timing of internal CPU write or memory write.
The receive buffer register (RXBUF) contents can be read out by reading to this address with the CPU. The data which the
CPU has written to this address is stored in the transmit buffer register (TXBUF).
However, do not perform write operation with the CPU to this address if the memory channel direction control bits of
memory channel operation mode register is “102” (transmit mode) and the memory channel status bits of EXB interrupt
source register are “012” or “102” (memory channel being operating).
W
R
Fig. 86 Index01[low]; Structure of Transmit/Receive buffer register
b7
b0
MC_DIR
[1:0]
BURST
b7:b3
–
–
–
0
0
–
Index =0216 : Memory channel operation mode register (MCHMOD) [address 003416]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1b0
0 0 : Operation disabled
0 1 : Receive mode
1 0 : Transmit mode
1 1 : Do not set.
0 : Cycle mode (each byte transfer according to
assertion or negation)
1 : Burst mode (continuous transfer till the terminal
count)
Write “0” when writing.
“0” is read when reading.
O
O
O
O
O
O
–: State remaining
Memory channel direction
control bit
Burst bit
Not used
W
R
Fig. 87 Index02[low]; Structure of Memory channel operation mode register
b7
b0
IM_A
[7:0]
–
0
Index = 0316 : Memory address counter (MEMADL) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–
Register to set the low-order address of memory
channel operation beginning.
This contents are increased each time one memory
access ends.
W
R
Fig. 88 Index03[low]; Structure of Memory address counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com