công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K03FDFP bảng dữ liệu(PDF) 77 Page - Renesas Technology Corp

tên linh kiện M38K03FDFP
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K03FDFP bảng dữ liệu(HTML) 77 Page - Renesas Technology Corp

Back Button M38K03FDFP Datasheet HTML 73Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 74Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 75Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 76Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 77Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 78Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 79Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 80Page - Renesas Technology Corp M38K03FDFP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 60 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
INDEX
[2:0]
b7:b3
–
–
0
–
EXB index register (EXBINDEX) [address 003316]
000
0
0
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
Index bits
Not used
The accessible register, using the register window,
depends on these index bits contents as follows:
b2b1b0
0 0 0 : External I/O configuration register
0 0 1 : Transmit/Receive buffer register
0 1 0 : Memory channel operation mode register
0 1 1 : Memory address counter
1 0 0 : End address register
1 0 1 : Do not set.
1 1 0 : Do not set.
1 1 1 : Do not set.
Write “0” when writing.
“0” is read when reading.
–: State remaining
W
R
Fig. 81 Structure of EXB index register
b7
b0
LOW_WIN
[7:0]
In-
definite
In-
definite
Register window 1 (EXBREG1) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–
The accessible register, using this register window,
depends on the EXB index register contents as
follows:
Index value
“0016”
: External I/O configuration register
“0116”
: Transmit/Receive buffer register
“0216”
: Memory channel operation mode register
“0316”
: Memory address counter
“0416”
: End address register
W
R
b7
b0
HIGH_WIN
[7:0]
In-
definite
In-
definite
Register window 2 (EXBREG2) [address 003516]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–
The accessible register, using this register window,
depends on the EXB index register contents as
follows:
Index value
“0016”
: External I/O configuration register
“0116”
: Transmit/Receive buffer register
“0216”
: Memory channel operation mode register
“0316”
: Memory address counter
“0416”
: End address register
W
R
Fig. 82 Structure of Register window 1
Fig. 83 Structure of Register window 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com