công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K09RFS bảng dữ liệu(PDF) 224 Page - Renesas Technology Corp

tên linh kiện M38K09RFS
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS bảng dữ liệu(HTML) 224 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 220Page - Renesas Technology Corp M38K09RFS Datasheet HTML 221Page - Renesas Technology Corp M38K09RFS Datasheet HTML 222Page - Renesas Technology Corp M38K09RFS Datasheet HTML 223Page - Renesas Technology Corp M38K09RFS Datasheet HTML 224Page - Renesas Technology Corp M38K09RFS Datasheet HTML 225Page - Renesas Technology Corp M38K09RFS Datasheet HTML 226Page - Renesas Technology Corp M38K09RFS Datasheet HTML 227Page - Renesas Technology Corp M38K09RFS Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 328 page
background image
2.12 Standby function
Rev.2.00
Oct 05, 2006
page 95 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.12.3 Stop mode
The stop mode is set by executing the STP instruction. In the stop mode, the oscillation of clock (XIN–XOUT)
stops and the internal clock
φ stops at the “H” level. The CPU stops and peripheral units stop operating.
As a result, power dissipation is reduced.
(1)
State in stop mode
Table 2.12.1 shows the state in the stop mode.
Table 2.12.1 State in stop mode
Item
Oscillation
CPU
Internal clock
φ
I/O ports P0–P6
Timer
Watchdog timer
Serial I/O
USB function
External BUS interface
A/D converter
Comparator
State in stop mode
Stopped.
Stopped.
Stopped at “H” level.
Retains the state at the STP instruction execution.
Stopped. (Timers 1, 2, X)
However, Timers X can be operated in the event counter mode.
Stopped.
Stopped.
However, these can be operated only when an external clock
is selected.
Stopped.
Stopped.
Stopped.
Stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com