công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38K09RFS bảng dữ liệu(PDF) 222 Page - Renesas Technology Corp

tên linh kiện M38K09RFS
Giải thích chi tiết về linh kiện  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS bảng dữ liệu(HTML) 222 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 218Page - Renesas Technology Corp M38K09RFS Datasheet HTML 219Page - Renesas Technology Corp M38K09RFS Datasheet HTML 220Page - Renesas Technology Corp M38K09RFS Datasheet HTML 221Page - Renesas Technology Corp M38K09RFS Datasheet HTML 222Page - Renesas Technology Corp M38K09RFS Datasheet HTML 223Page - Renesas Technology Corp M38K09RFS Datasheet HTML 224Page - Renesas Technology Corp M38K09RFS Datasheet HTML 225Page - Renesas Technology Corp M38K09RFS Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 328 page
background image
2.11 Clock generating circuit
Rev.2.00
Oct 05, 2006
page 93 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.11.6 Related registers setting
b7
b0
01
CPU mode register
(CPUM: address 3B16)
0 : Main clock f(XIN)
b7 b6
0 0 :
φ = f(system clock)/8 (8-divide mode)
0 1 :
φ = f(system clock)/4 (4-divide mode)
1 0 :
φ = f(system clock)/2 (2-divide mode)
1 1 :
φ = f(system clock) (Through mode)
0
0
0
1. Select main clock f(XIN) as system clock and set clock division mode.
b7
b0
USB control register
(USBCON: address 1016)
0 : Main clock f(XIN)
0
2. Select main clock f(XIN) as USB clock.
b7
b0
0
1
PLL control register
(PLLCON: address 0FF816)
0
0
3. Enable PLL circuit, and generating PLL output clock (fVCO) 48 MHZ and fSYN.
b4 b3
0 0 : Divided by 8 (fSYN = fUSB/8)
0 1 : Divided by 6 (fSYN = fUSB/6)
1 0 : Divided by 4 (fSYN = fUSB/4)
1 1 : Not selected
b6 b5
0 0 : Not multiplied (fVCO = fXIN)
0 1 : Double (fVCO = fXIN ✕ 2)
1 0 : Quadruple (fVCO = fXIN ✕ 4)
1 1 : Multiplied by 8 (fVCO = fXIN ✕ 8)
1 : PLL enabled
b7
b0
USB control register
(USBCON: address 1016)
1 : fVCO
1
4. Select PLL output clock (fVCO) as USB clock.
b7
b0
CPU mode register
(CPUM: address 3B16)
1 : fSYN
1
5. Select fSYN as system clock.
Note: When selecting fSYN as an internal system clock, refer to “2.10 Frequency synthesizer (PLL)” for details
concerning how to generate fUSB (USB clock) from f(XIN) and the notes on PLL circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com