công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7478 bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện 7478
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 6Page - Renesas Technology Corp 7478 Datasheet HTML 7Page - Renesas Technology Corp 7478 Datasheet HTML 8Page - Renesas Technology Corp 7478 Datasheet HTML 9Page - Renesas Technology Corp 7478 Datasheet HTML 10Page - Renesas Technology Corp 7478 Datasheet HTML 11Page - Renesas Technology Corp 7478 Datasheet HTML 12Page - Renesas Technology Corp 7478 Datasheet HTML 13Page - Renesas Technology Corp 7478 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.2 Group expansion
1-3
1.2 Group expansion
The 7470/7471/7477/7478 group develops with the M37470M2-XXXSP as the base chip in the 7470 series.
The classification of the 7470 series is as follows.
7470 series
7470 group
7471 group
7477 group
7478 group
7480 group**
7481 group**
The 7470/7471/7477/7478 group permits group expansion as shown in Figure 1.2.1. This group expansion
is all performed only by differences in memory type and capacity and the number of ports. This allows the
user to select optimum elements according to the user's system.
The 7470/7471/7477/7478 group supports the following in addition to the mask ROM version.
(1) Support of One Time PROM version
The One Time PROM version is a programmable microcomputer and can perform a one-time write
operation to the built-in programmable ROM (PROM).
For the details, refer to “1.19 Built-in PROM version.”
(2) Support of EPROM version (with window)
The built-in EPROM version is a programmable microcomputer with window and can perform write
and erase operations to the built-in EPROM.
For the details, refer to “1.19 Built-in PROM version.”
(3) Support of emulator MCU
The emulator MCU is a microcomputer designed for program development which facilitates program
development and is an optimum element for system evaluation.
For the details, refer to“1.20 Emulator MCU.”
Table 1.2.1 shows the products which the 7470/7471/7477/7478 group supports.
In this manual, when multiple models are described collectively, their names are arranged by putting
“/” among them for separation.
7470 group, 7471 group
→ 7470/7471 group
7477 group, 7478 group
→ 7477/7478 group
7470 group, 7477 group
→ 7470/7477 group
7471 group, 7478 group
→ 7471/7478 group
**:Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More