công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7478 bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện 7478
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 59Page - Renesas Technology Corp 7478 Datasheet HTML 60Page - Renesas Technology Corp 7478 Datasheet HTML 61Page - Renesas Technology Corp 7478 Datasheet HTML 62Page - Renesas Technology Corp 7478 Datasheet HTML 63Page - Renesas Technology Corp 7478 Datasheet HTML 64Page - Renesas Technology Corp 7478 Datasheet HTML 65Page - Renesas Technology Corp 7478 Datasheet HTML 66Page - Renesas Technology Corp 7478 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 361 page
background image
HARDWARE
1.11 Interrupts
7470/7471/7477/7478 GROUP USER’S MANUAL
1-56
(1) Interrupt request bit
The interrupt request bits are assigned to each bit of the Interrupt request register 1(IR1: Address
00FC16) and the Interrupt request register 2(IR2: Address 00FD16).
If an interrupt request occurs, the corresponding interrupt request bit is set
to “1.”
The interrupt request bit is held in the “1” state until the interrupt is accepted. After it is accepted,
this bit is automatically cleared to “0.”
The interrupt request bit can be cleared to “0” by software but cannot be set to “1” by software.
(2) Interrupt enable bit
The interrupt enable bits are assigned to each bit of the Interrupt control register 1 (IE1: Address
00FE16) and the Interrupt control register 2 (IE2: Address 00FF16).
The interrupt enable bit controls the acceptance of the corresponding interrupt. When the interrupt
enable bit is “0,” the acceptance of the corresponding interrupt is disabled. If an interrupt request
occurs when this bit is “0,” the corresponding interrupt request bit is set to “1,” but this interrupt is
not accepted. In this case, the interrupt request bit is cleared to “0” by software or remains in the
“1” state until the interrupt enable bit is set to “1.”
When an interrupt enable bit is “1,” the corresponding interrupt is enabled. If an interrupt request
occurs when this bit is “1,” this interrupt is accepted. (However, the interrupt disable flag that will be
described later must be “0.”) The interrupt enable bit can be cleared to “0” or set to “1” by software.
(3) Interrupt disable flag
The interrupt disable flag controls the acceptance of the interrupt, and is assigned to bit 2 of the
Processor status register (PS).
When this flag is “1,” the interrupt disable state is provided. When this flag is “0,” the acceptance of
interrupt is enable state.
This flag is set to “1” by the SEI instruction and cleared to “0” by the CLI instruction.
This flag is set to “1” (interrupt disable state) automatically after the interrupt processing routine. To
use a multi-interrupt, set this flag to “0” by using the CLI instruction in the interrupt processing
routine.
2
2
2
2
2 Interrupt setting
Set an interrupt according to the procedure shown below.
1The interrupt disable flag is set to “1.”
2The interrupt enable bit is cleared to “0.”
3For the INT interrupt or the CNTR interrupt, set the active edge in the Edge polarity selection
register.
Select one of the above interrupts in bit 4 of the Edge polarity selection register because the
CNTR0 interrupt and the CNTR1 interrupt can not be used simultaneously. ( 0: CNTR0, 1:
CNTR1 )
4The request bit of interrupt used is cleared to “0.” (Refer to “Table 1.11.2.”)
5The enable bit of interrupt used is set to “1.” (Refer to “Table 1.11.2.”)
6The interrupt disable flag is cleared to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com