công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7477 bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp

tên linh kiện 7477
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 48Page - Renesas Technology Corp 7477 Datasheet HTML 49Page - Renesas Technology Corp 7477 Datasheet HTML 50Page - Renesas Technology Corp 7477 Datasheet HTML 51Page - Renesas Technology Corp 7477 Datasheet HTML 52Page - Renesas Technology Corp 7477 Datasheet HTML 53Page - Renesas Technology Corp 7477 Datasheet HTML 54Page - Renesas Technology Corp 7477 Datasheet HTML 55Page - Renesas Technology Corp 7477 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.10 I/O pins
1-45
1.10.3 Notes on use
When using I/O ports, note the following.
(1) Modify of the content of I/O port latch
When the content of the port latch of an I/O port is modified with the bit managing instruction*, the
value of the unspecified bit may be changed.
Reason
The bit managing instruction is read-modify-write instruction for reading and writing data by a byte
unit. Accordingly, when this instruction is executed on one bit of the port latch of an I/O port, the
following is executed to all bits of the port latch.
q As for a bit which is set as an input port: The pin state is read in the CPU, and is written to this
bit after bit managing.
q As for a bit which is set as an output port: The bit value is read in the CPU, and is written to this
bit after bit managing.
Make sure the following:
q Even when a port which is set as an output port is changed for an input port, its port latch holds
the output data.
q Even when a bit of a port latch which is set as an input port is not specified with a bit managing
instruction, its value may be changed in case where content of the pin differs from a content of
the port latch.
∗ bit managing instructions: SEB and CLB instruction
(2) Pull-up control
To pull-up ports by software, note the following.
q When P1 is used in the serial I/O mode, the pull-up settings corresponding to P14 to P17 are
invalidated (pull-up is impossible).
Refer to the port block diagram for details.
q When a port is set in the output mode, the pull-up setting corresponding to the port is invalidated
(pull-up is impossible).
q Ports other than P0 cannot be controlled in one-bit units. For example, when P10 is pulled up at
P1 (pull-up control in units of 4 bits), P11 to P13 are also pulled up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com