công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7477 bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp

tên linh kiện 7477
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 32Page - Renesas Technology Corp 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.8 Access area
1-29
1.8.1 Zero page (Addresses 000016 to 00FF16)
The area of 256 bytes from addresses 000016 to 00FF16 is called the zero page. The internal RAM and
the special function register (SFR) are located in this area.
To specify a memory or a register in this area, use the addressing mode shown in Table 1.8.1. In this
area, especially, it is possible to access this area in a shorter instruction cycle by using the zero addressing
mode.
1.8.2 Special page (Addresses FF0016 to FFFF16)
The area of 256 bytes from addresses FF0016 to FFFF16 is called the special page. The internal ROM
and the interrupt vector area are located in this area.
To specify a memory or subroutine in this area, use the addressing mode shown in Table 1.8.1. In this
area, especially, it is possible to jump to this area in a shorter instruction cycle by using the special page
addressing mode.
Ordinary, subroutines with high frequency of use are located in this area.
Table 1.8.1 Addressing mode accessible to each area
Addressing mode (bytes required)
Zero page (2)
Zero page indirect (2)
Zero page X (2)
Zero page Y (2)
Zero page bit (2)
Zero page bit relative (3)
Absolute (3)
Absolute X (3)
Absolute Y (3)
Relative (2)
Indirect (3)
Indirect X (2)
Indirect Y (2)
Special page (2)
Special page reference
—
—
—
—
—
—
,
,
,
,
,
,
,
,
Other area reference
—
—
—
—
—
—
,
,
,
,
,
,
,
—
Zero page reference
,
,
,
,
,
,
,
,
,
,
,
,
,
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com