công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 562 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 562 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 558Page - Renesas Technology Corp H8S/2111B Datasheet HTML 559Page - Renesas Technology Corp H8S/2111B Datasheet HTML 560Page - Renesas Technology Corp H8S/2111B Datasheet HTML 561Page - Renesas Technology Corp H8S/2111B Datasheet HTML 562Page - Renesas Technology Corp H8S/2111B Datasheet HTML 563Page - Renesas Technology Corp H8S/2111B Datasheet HTML 564Page - Renesas Technology Corp H8S/2111B Datasheet HTML 565Page - Renesas Technology Corp H8S/2111B Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 582 page
background image
Rev. 1.00, 05/04, page 528 of 544
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Wait time after
SWE-bit setting*
1
x
1
—
—
µs
Wait time after
ESU-bit setting*
1
y
100
—
—
µs
Wait time after
E-bit setting*
1, *6
z
10
—
100
ms
Wait time after
E-bit clear*
1
α
10
—
—
µs
Wait time after
ESU-bit clear*
1
β
10
—
—
µs
Wait time after
EV-bit setting*
1
γ
20
—
—
µs
Wait time after
dummy write*
1
ε
2
—
—
µs
Wait time after
EV-bit clear*
1
η
4
—
—
µs
Wait time after
SWE-bit clear*
1
θ
100
—
—
µs
Erase
Maximum erase
count*
1, *6, *7
N
—
—
120
times
Notes: 1.
Set the times according to the program/erase algorithms.
2. Programming time per 128 bytes (Shows the total period for which the P-bit in FLMCR1
is set. It does not include the programming verification time.)
3. Block erase time (Shows the total period for which the E-bit in FLMCR1 is set. It does
not include the erase verification time.)
4. Maximum programming time (t
P (max))
t
P (max)
= (wait time after P-bit setting (z1) + (z3))
× 6
+ wait time after P-bit setting (z2)
× ((N) – 6)
5. The maximum number of writes (N) should be set according to the actual set value of
z1, z2 and z3 to allow programming within the maximum programming time (t
P (max)).
The wait time after P-bit setting (z1, z2, and z3) should be alternated according to the
number of writes (n) as follows:
1
≤ n ≤ 6
z1 = 30µs, z3 = 10µs
7
≤ n ≤ 1000
z2 = 200µs
6. Maximum erase time (t
E (max))
t
E (max) = Wait time after E-bit setting (z) × maximum erase count (N)
7. The maximum number of erases (N) should be set according to the actual set value of z
to allow erasing within the maximum erase time (t
E (max)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com