công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 557 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 557 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 553Page - Renesas Technology Corp H8S/2111B Datasheet HTML 554Page - Renesas Technology Corp H8S/2111B Datasheet HTML 555Page - Renesas Technology Corp H8S/2111B Datasheet HTML 556Page - Renesas Technology Corp H8S/2111B Datasheet HTML 557Page - Renesas Technology Corp H8S/2111B Datasheet HTML 558Page - Renesas Technology Corp H8S/2111B Datasheet HTML 559Page - Renesas Technology Corp H8S/2111B Datasheet HTML 560Page - Renesas Technology Corp H8S/2111B Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 582 page
background image
Rev. 1.00, 05/04, page 523 of 544
22.3.3
Timing of On-Chip Peripheral Modules
Tables 22.7 to 22.10 show the on-chip peripheral module timing. The only on-chip peripheral
modules that can operate in subclock operation (
φ = 32.768 kHz) are the I/O ports, external
interrupts (NMI and IRQ0, 1, 2, 6, and 7), the watchdog timer, and the 8-bit timer (channels 0 and
1).
Table 22.7
Timing of On-Chip Peripheral Modules (1)
Conditions: V
CC = 3.0 V to 3.6 V, VCCB = 3.0 V to 5.5 V, VSS = 0 V, φ = 32.768 kHz
*,
4 MHz to maximum operating frequency, T
a = –20 to +75°C
Condition
10 MHz
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Output data delay time
t
PWD
—
100
Input data setup time
t
PRS
50
—
I/O ports
Input data hold time
t
PRH
50
—
ns
Figure 22.10
Timer output delay time
t
FTOD
—
100
Timer input setup time
t
FTIS
50
—
Figure 22.11
Timer clock input setup time
t
FTCS
50
—
ns
Single edge
t
FTCWH
1.5
—
FRT
Timer clock
pulse width
Both edges
t
FTCWL
2.5
—
t
cyc
Figure 22.12
Timer output delay time
t
TMOD
—
100
Figure 22.13
Timer reset input setup time
t
TMRS
50
—
Figure 22.15
Timer clock input setup time
t
TMCS
50
—
ns
Single edge
t
TMCWH
1.5
—
TMR
Timer clock
pulse width
Both edges
t
TMCWL
2.5
—
t
cyc
Figure 22.14
PWM
Pulse output delay time
t
PWOD
—
100
ns
Figure 22.16
Asynchronous
t
Scyc
4
—
Input clock
cycle
Synchronous
6
—
t
cyc
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Input clock rise time
t
SCKr
—
1.5
SCI
Input clock fall time
t
SCKf
—
1.5
t
cyc
Figure 22.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com