công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 506 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 506 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 502Page - Renesas Technology Corp H8S/2111B Datasheet HTML 503Page - Renesas Technology Corp H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp H8S/2111B Datasheet HTML 505Page - Renesas Technology Corp H8S/2111B Datasheet HTML 506Page - Renesas Technology Corp H8S/2111B Datasheet HTML 507Page - Renesas Technology Corp H8S/2111B Datasheet HTML 508Page - Renesas Technology Corp H8S/2111B Datasheet HTML 509Page - Renesas Technology Corp H8S/2111B Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 582 page
background image
Rev. 1.00, 05/04, page 472 of 544
When the
RES pin is driven low, system clock oscillation is started. At the same time as system
clock oscillation starts, the system clock is supplied to the entire LSI. Note that the
RES pin must
be held low until clock oscillation stabilizes. When the
RES pin goes high after clock oscillation
stabilizes, the CPU begins reset exception handling.
When the
STBY pin is driven low, software standby mode is cancelled and a transition is made to
hardware standby mode.
Figure 20.3 shows an example in which a transition is made to software standby mode at the
falling edge of the NMI pin, and software standby mode is cleared at the rising edge of the NMI
pin.
In this example, an NMI interrupt is accepted with the NMIEG bit in SYSCR cleared to 0 (falling
edge specification), then the NMIEG bit is set to 1 (rising edge specification), the SSBY bit is set
to 1, and a SLEEP instruction is executed, causing a transition to software standby mode.
Software standby mode is then cleared at the rising edge of the NMI pin.
Oscillator
φ
NMI
NMIEG
SSBY
NMI exception
handling
NMIEG = 1
SSBY = 1
SLEEP instruction
Software standby mode
(power-down mode)
Oscillation
stabilization
time tOSC2
NMI exception
handling
Figure 20.3 Application Example in Software Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com