| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7905 bảng dữ liệu(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7905 bảng dữ liệu(HTML) 91 Page - Renesas Technology Corp |
|
91 / 565 page ![]() 7905 Group User’s Manual Rev.1.0 INTERRUPTS 6-10 6.5 Interrupt priority level detection circuit The interrupt priority level detection circuit is used to select the interrupt with the highest priority level from multiple interrupt requests sampled at the same timing. Figure 6.5.1 shows the interrupt priority level detection circuit. 6.5 Interrupt priority level detection circuit Fig. 6.5.1 Interrupt priority level detection circuit IPL INT4 INT3 INT6 INT5 INT7 UART2 transmit UART2 receive INT2 INT1 INT0 Level 0 (Initial value) Interrupt priority level Interrupt priority level UART1 transmit UART1 receive UART0 transmit UART0 receive Timer B2 Timer B1 Timer B0 Timer A4 Timer A3 Timer A2 Timer A1 Timer A0 Processor interrupt priority level Interrupt with the highest priority level Interrupt disable flag (I) Watchdog timer interrupt Reset Acceptance of interrupt request Timer A9 Timer A8 Timer A7 Timer A6 Timer A5 A-D conversion |