công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 241 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 241 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 237Page - Renesas Technology Corp H8/3028 Datasheet HTML 238Page - Renesas Technology Corp H8/3028 Datasheet HTML 239Page - Renesas Technology Corp H8/3028 Datasheet HTML 240Page - Renesas Technology Corp H8/3028 Datasheet HTML 241Page - Renesas Technology Corp H8/3028 Datasheet HTML 242Page - Renesas Technology Corp H8/3028 Datasheet HTML 243Page - Renesas Technology Corp H8/3028 Datasheet HTML 244Page - Renesas Technology Corp H8/3028 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 923 page
background image
Rev. 2.00, 09/03, page 211 of 890
7.4.2
I/O Mode
I/O mode can be selected independently for each channel.
One byte or word is transferred at each transfer request in I/O mode. A designated number of these
transfers are executed. One address is specified in the memory address register (MAR), the other
in the I/O address register (IOAR). The direction of transfer is determined automatically from the
activation source. The transfer is from the address specified in IOAR to the address specified in
MAR if activated by an SCI channel 0 receive-data-full interrupt, and from the address specified
in MAR to the address specified in IOAR otherwise.
Table 7.6 indicates the register functions in I/O mode.
Table 7.6
Register Functions in I/O Mode
Function
Register
Activated by
SCI 0 Receive-
Data-Full
Interrupt
Other
Activation
Initial Setting
Operation
23
0
MAR
Destination
address
register
Source
address
register
Destination or
source start
address
Incremented or
decremented
once per
transfer
All 1s
IOAR
23
0
7
Source
address
register
Destination
address
register
Source or
destination
address
Held fixed
15
0
ETCR
Transfer counter
Number of
transfers
Decremented
once per
transfer until
H'0000 is
reached and
transfer ends
Legend
MAR: Memory address register
IOAR: I/O address register
ETCR: Execute transfer count register
MAR and IOAR specify the source and destination addresses. MAR specifies a 24-bit source or
destination address, which is incremented or decremented as each byte or word is transferred.
IOAR specifies the lower 8 bits of a fixed address. The upper 16 bits are all 1s. IOAR is not
incremented or decremented.
Figure 7.2 illustrates how I/O mode operates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com