công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 239 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 239 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 235Page - Renesas Technology Corp H8/3028 Datasheet HTML 236Page - Renesas Technology Corp H8/3028 Datasheet HTML 237Page - Renesas Technology Corp H8/3028 Datasheet HTML 238Page - Renesas Technology Corp H8/3028 Datasheet HTML 239Page - Renesas Technology Corp H8/3028 Datasheet HTML 240Page - Renesas Technology Corp H8/3028 Datasheet HTML 241Page - Renesas Technology Corp H8/3028 Datasheet HTML 242Page - Renesas Technology Corp H8/3028 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 923 page
background image
Rev. 2.00, 09/03, page 209 of 890
7.4
Operation
7.4.1
Overview
Table 7.5 summarizes the DMAC modes.
Table 7.5
DMAC Modes
Transfer Mode
Activation
Notes
Compare match/input
capture A interrupt from
16-bit timer channels 0 to 2
Transmit-data-empty
and receive-data-full
interrupts from SCI
channel 0
Conversion-end interrupt
from A/D converter
Short address
mode
I/O mode
Idle mode
Repeat mode
External request
• Up to four channels
can operate independently
• Only the B channels
support external requests
Auto-request
Normal mode
External request
Compare match/input
capture A interrupt from
16-bit timer channels 0 to 2
Conversion-end interrupt
from A/D converter
Full address
mode
Block transfer
mode
External request
• A and B channels are
paired; up to two channels
are available
• Burst mode transfer or
cycle-steal mode transfer
can be selected for auto-
requests
A summary of operations in these modes follows.
I/O Mode: One byte or word is transferred per request. A designated number of these transfers are
executed. A CPU interrupt can be requested at completion of the designated number of transfers.
One 24-bit address and one 8-bit address are specified. The transfer direction is determined
automatically from the activation source.
Idle Mode: One byte or word is transferred per request. A designated number of these transfers
are executed. A CPU interrupt can be requested at completion of the designated number of
transfers. One 24-bit address and one 8-bit address are specified. The addresses are held fixed. The
transfer direction is determined automatically from the activation source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com