công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 236 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 236 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 232Page - Renesas Technology Corp H8/3028 Datasheet HTML 233Page - Renesas Technology Corp H8/3028 Datasheet HTML 234Page - Renesas Technology Corp H8/3028 Datasheet HTML 235Page - Renesas Technology Corp H8/3028 Datasheet HTML 236Page - Renesas Technology Corp H8/3028 Datasheet HTML 237Page - Renesas Technology Corp H8/3028 Datasheet HTML 238Page - Renesas Technology Corp H8/3028 Datasheet HTML 239Page - Renesas Technology Corp H8/3028 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 923 page
background image
Rev. 2.00, 09/03, page 206 of 890
DTCRB
Bit
Initial value
Read/Write
7
DTME
0
R/W
6
—
0
R/W
5
DAID
0
R/W
4
DAIDE
0
R/W
3
TMS
0
R/W
0
DTS0B
0
R/W
2
DTS2B
0
R/W
1
DTS1B
0
R/W
Data transfer master enable
Enables or disables data
transfer, together with
the DTE bit, and is cleared
to 0 by an interrupt
Reserved bit
Destination address
increment/decrement
Data transfer select
2B to 0B
These bits select the data
transfer activation source
Transfer mode select
Destination address
increment/decrement enable
These bits select whether
the destination address
register (MARB) is incremented,
decremented, or held fixed
during the data transfer
Selects whether the
block area is the source
or destination in block
transfer mode
DTCRB is initialized to H'00 by a reset and in standby mode.
Bit 7—Data Transfer Master Enable (DTME): Together with the DTE bit in DTCRA, this bit
enables or disables data transfer. When the DTME and DTE bits are both set to 1, the channel is
enabled. When an NMI interrupt occurs DTME is cleared to 0, suspending the transfer so that the
CPU can use the bus. The suspended transfer resumes when DTME is set to 1 again. For further
information on operation in block transfer mode, see section 7.6.6, NMI Interrupts and Block
Transfer Mode.
DTME is set to 1 by reading the register while DTME = 0, then writing 1.
Bit 7
DTME
Description
0
Data transfer is disabled (DTME is cleared to 0 when an NMI interrupt
(Initial value)
occurs)
1
Data transfer is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com