công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 233 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 233 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 229Page - Renesas Technology Corp H8/3028 Datasheet HTML 230Page - Renesas Technology Corp H8/3028 Datasheet HTML 231Page - Renesas Technology Corp H8/3028 Datasheet HTML 232Page - Renesas Technology Corp H8/3028 Datasheet HTML 233Page - Renesas Technology Corp H8/3028 Datasheet HTML 234Page - Renesas Technology Corp H8/3028 Datasheet HTML 235Page - Renesas Technology Corp H8/3028 Datasheet HTML 236Page - Renesas Technology Corp H8/3028 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 923 page
background image
Rev. 2.00, 09/03, page 203 of 890
7.3.4
Data Transfer Control Registers (DTCR)
The data transfer control registers (DTCRs) are 8-bit readable/writable registers that control the
operation of the DMAC channels. A channel operates in full address mode when bits DTS2A and
DTS1A are both set to 1 in DTCRA. DTCRA and DTCRB have different functions in full address
mode.
DTCRA
Bit
Initial value
Read/Write
7
DTE
0
R/W
6
DTSZ
0
R/W
5
SAID
0
R/W
4
SAIDE
0
R/W
3
DTIE
0
R/W
0
DTS0A
0
R/W
2
DTS2A
0
R/W
1
DTS1A
0
R/W
Data transfer enable
Enables or disables
data transfer
Enables or disables the
CPU interrupt at the end
of the transfer
Data transfer size
Selects byte or
word size
Source address
increment/decrement
Data transfer select
2A and 1A
These bits must both be
set to 1
Data transfer
interrupt enable
Source address increment/
decrement enable
These bits select whether
the source address register
(MARA) is incremented,
decremented, or held fixed
during the data transfer
Selects block
transfer mode
Data transfer
select 0A
DTCRA is initialized to H'00 by a reset and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com