công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 229 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 229 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 225Page - Renesas Technology Corp H8/3028 Datasheet HTML 226Page - Renesas Technology Corp H8/3028 Datasheet HTML 227Page - Renesas Technology Corp H8/3028 Datasheet HTML 228Page - Renesas Technology Corp H8/3028 Datasheet HTML 229Page - Renesas Technology Corp H8/3028 Datasheet HTML 230Page - Renesas Technology Corp H8/3028 Datasheet HTML 231Page - Renesas Technology Corp H8/3028 Datasheet HTML 232Page - Renesas Technology Corp H8/3028 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 923 page
background image
Rev. 2.00, 09/03, page 199 of 890
Bit 3—Data Transfer Interrupt Enable (DTIE): Enables or disables the CPU interrupt (DEND)
requested when the DTE bit is cleared to 0.
Bit 3
DTIE
Description
0
The DEND interrupt requested by DTE is disabled
(Initial value)
1
The DEND interrupt requested by DTE is enabled
Bits 2 to 0—Data Transfer Select (DTS2, DTS1, DTS0): These bits select the data transfer
activation source. Some of the selectable sources differ between channels A and B.
Bit 2
DTS2
Bit 1
DTS1
Bit 0
DTS0
Description
0
0
0
Compare match/input capture A interrupt from 16-bit timer channel 0
(Initial value)
1
Compare match/input capture A interrupt from 16-bit timer channel 1
1
0
Compare match/input capture A interrupt from 16-bit timer channel 2
1
Conversion-end interrupt from A/D converter
1
0
0
Transmit-data-empty interrupt from SCI channel 0
1
Receive-data-full interrupt from SCI channel 0
1
0
Falling edge of
DREQ input (channel B)
Transfer in full address mode (channel A)
1
Low level of
DREQ input (channel B)
Transfer in full address mode (channel A)
Note: See section 7.3.4, Data Transfer Control Registers (DTCR).
The same internal interrupt can be selected as an activation source for two or more channels at
once. In that case the channels are activated in a priority order, highest-priority channel first. For
the priority order, see section 7.4.9, Multiple-Channel Operation.
When a channel is enabled (DTE = 1), its selected DMAC activation source cannot generate a
CPU interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com