công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 227 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 227 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 223Page - Renesas Technology Corp H8/3028 Datasheet HTML 224Page - Renesas Technology Corp H8/3028 Datasheet HTML 225Page - Renesas Technology Corp H8/3028 Datasheet HTML 226Page - Renesas Technology Corp H8/3028 Datasheet HTML 227Page - Renesas Technology Corp H8/3028 Datasheet HTML 228Page - Renesas Technology Corp H8/3028 Datasheet HTML 229Page - Renesas Technology Corp H8/3028 Datasheet HTML 230Page - Renesas Technology Corp H8/3028 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 923 page
background image
Rev. 2.00, 09/03, page 197 of 890
7.2.4
Data Transfer Control Registers (DTCR)
A data transfer control register (DTCR) is an 8-bit readable/writable register that controls the
operation of one DMAC channel.
Bit
Initial value
Read/Write
7
DTE
0
R/W
6
DTSZ
0
R/W
5
DTID
0
R/W
4
RPE
0
R/W
3
DTIE
0
R/W
0
DTS0
0
R/W
2
DTS2
0
R/W
1
DTS1
0
R/W
Data transfer enable
Enables or disables
data transfer
Data transfer interrupt enable
Enables or disables the CPU interrupt
at the end of the transfer
Data transfer select
These bits select the data
transfer activation source
Data transfer size
Selects byte or
word size
Data transfer
increment/decrement
Selects whether to
increment or decrement
the memory address
register
Repeat enable
Selects repeat
mode
The DTCRs are initialized to H'00 by a reset and in standby mode.
Bit 7—Data Transfer Enable (DTE): Enables or disables data transfer on a channel. When the
DTE bit is set to 1, the channel waits for a transfer to be requested, and executes the transfer when
activated as specified by bits DTS2 to DTS0. When DTE is 0, the channel is disabled and does not
accept transfer requests. DTE is set to 1 by reading the register when DTE is 0, then writing 1.
Bit 7
DTE
Description
0
Data transfer is disabled. In I/O mode or idle mode, DTE is cleared to 0
(Initial value)
when the specified number of transfers have been completed
1
Data transfer is enabled
If DTIE is set to 1, a CPU interrupt is requested when DTIE is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com