công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 244 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 244 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 240Page - Renesas Technology Corp H8/3028 Datasheet HTML 241Page - Renesas Technology Corp H8/3028 Datasheet HTML 242Page - Renesas Technology Corp H8/3028 Datasheet HTML 243Page - Renesas Technology Corp H8/3028 Datasheet HTML 244Page - Renesas Technology Corp H8/3028 Datasheet HTML 245Page - Renesas Technology Corp H8/3028 Datasheet HTML 246Page - Renesas Technology Corp H8/3028 Datasheet HTML 247Page - Renesas Technology Corp H8/3028 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 923 page
background image
Rev. 2.00, 09/03, page 214 of 890
Table 7.7
Register Functions in Idle Mode
Function
Register
Activated by
SCI 0 Receive-
Data-Full
Interrupt
Other
Activation
Initial Setting
Operation
23
0
MAR
Destination
address
register
Source
address
register
Destination or
source address
Held fixed
All 1s
IOAR
23
0
7
Source
address
register
Destination
address
register
Source or
destination
address
Held fixed
15
0
ETCR
Transfer counter
Number of
transfers
Decremented
once per
transfer until
H'0000 is
reached and
transfer ends
Legend
MAR: Memory address register
IOAR: I/O address register
ETCR: Execute transfer count register
MAR and IOAR specify the source and destination addresses. MAR specifies a 24-bit source or
destination address. IOAR specifies the lower 8 bits of a fixed address. The upper 16 bits are all
1s. MAR and IOAR are not incremented or decremented.
Figure 7.4 illustrates how idle mode operates.
Transfer
1 byte or word is
transferred per request
IOAR
MAR
Figure 7.4 Operation in Idle Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com