công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 128 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 128 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 124Page - Renesas Technology Corp H8/3028 Datasheet HTML 125Page - Renesas Technology Corp H8/3028 Datasheet HTML 126Page - Renesas Technology Corp H8/3028 Datasheet HTML 127Page - Renesas Technology Corp H8/3028 Datasheet HTML 128Page - Renesas Technology Corp H8/3028 Datasheet HTML 129Page - Renesas Technology Corp H8/3028 Datasheet HTML 130Page - Renesas Technology Corp H8/3028 Datasheet HTML 131Page - Renesas Technology Corp H8/3028 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 923 page
background image
Rev. 2.00, 09/03, page 98 of 890
5.4
Interrupt Operation
5.4.1
Interrupt Handling Process
The H8/3028 Group handles interrupts differently depending on the setting of the UE bit. When
UE = 1, interrupts are controlled by the I bit. When UE = 0, interrupts are controlled by the I and
UI bits. Table 5.4 indicates how interrupts are handled for all setting combinations of the UE, I,
and UI bits.
NMI interrupts are always accepted except in the reset and hardware standby states*. IRQ
interrupts and interrupts from the on-chip supporting modules have their own enable bits. Interrupt
requests are ignored when the enable bits are cleared to 0.
Note: * NMI input is sometimes disabled. For details see section 18.9, NMI Input Disabling
Conditions.
Table 5.4
UE, I, and UI Bit Settings and Interrupt Handling
SYSCR
CCR
UE
I
UI
Description
1
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
—
No interrupts are accepted except NMI.
0
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
0
NMI and interrupts with priority level 1 are accepted.
1
No interrupts are accepted except NMI.
UE = 1: Interrupts IRQ0 to IRQ5 and interrupts from the on-chip supporting modules can all be
masked by the I bit in the CPU’s CCR. Interrupts are masked when the I bit is set to 1, and
unmasked when the I bit is cleared to 0. Interrupts with priority level 1 have higher priority. Figure
5.4 is a flowchart showing how interrupts are accepted when UE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com