công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 125 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 125 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 121Page - Renesas Technology Corp H8/3028 Datasheet HTML 122Page - Renesas Technology Corp H8/3028 Datasheet HTML 123Page - Renesas Technology Corp H8/3028 Datasheet HTML 124Page - Renesas Technology Corp H8/3028 Datasheet HTML 125Page - Renesas Technology Corp H8/3028 Datasheet HTML 126Page - Renesas Technology Corp H8/3028 Datasheet HTML 127Page - Renesas Technology Corp H8/3028 Datasheet HTML 128Page - Renesas Technology Corp H8/3028 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 923 page
background image
Rev. 2.00, 09/03, page 95 of 890
Table 5.3
Interrupt Sources, Vector Addresses, and Priority
Vector Address*
Interrupt Source Origin
Vector
Number Advanced Mode Normal Mode
IPR
Priority
NMI
7
H'001C to H'001F H'000E to H'000F —
High
IRQ0
12
H'0030 to H'0033 H'0018 to H'0019 IPRA7
IRQ1
13
H'0034 to H0037
H'001A to H'001B IPRA6
IRQ2
14
H'0038 to H'003B H'001C to H'001D IPRA5
IRQ3
15
H'003C to H'003F H'001E to H'001F
IRQ4
16
H'0040 to H'0043 H'0020 to H'0021 IPRA4
IRQ5
External
pins
17
H'0044 to H'0047 H'0022 to H'0023
—
18
H'0048 to H'004B H'0024 to H'0025
Reserved
19
H'004C to H'004F H'0026 to H'0027
WOVI
(interval timer)
Watchdog
timer
20
H'0050 to H'0053 H'0028 to H'0029 IPRA3
CMI
(compare match)
DRAM
interface
21
H'0054 to H'0057 H'002A to H'002B
Reserved
—
22
H'0058 to H'005B H'002C to H'002D
ADI (A/D end)
A/D
23
H'005C to H'005F H'002E to H'002F
IMIA0
(compare match/
input capture A0)
24
H'0060 to H'0063 H'0030 to H'0031 IPRA2
IMIB0
(compare match/
input capture B0)
25
H'0064 to H'0067 H'0032 to H'0033
OVI0
(overflow 0)
16-bit timer
channel 0
26
H'0068 to H'006B H'0034 to H'0035
Reserved
—
27
H'006C to H'006F H'0036 to H'0037
IMIA1
(compare match/
input capture A1)
16-bit timer
channel 1
28
H'0070 to H'0073 H'0038 to H'0039 IPRA1
IMIB1
(compare match/
input capture B1)
29
H'0074 to H'0077 H'003A to H'003B
OVI1
(overflow 1)
30
H'0078 to H'007B H'003C to H'003D
Reserved
—
31
H'007C to H'007F H'003E to H'003F
Low
Note: * Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com