công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 131 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 131 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 127Page - Renesas Technology Corp H8/3028 Datasheet HTML 128Page - Renesas Technology Corp H8/3028 Datasheet HTML 129Page - Renesas Technology Corp H8/3028 Datasheet HTML 130Page - Renesas Technology Corp H8/3028 Datasheet HTML 131Page - Renesas Technology Corp H8/3028 Datasheet HTML 132Page - Renesas Technology Corp H8/3028 Datasheet HTML 133Page - Renesas Technology Corp H8/3028 Datasheet HTML 134Page - Renesas Technology Corp H8/3028 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 923 page
background image
Rev. 2.00, 09/03, page 101 of 890
Figure 5.5 shows the transitions among the above states.
All interrupts are
unmasked
Only NMI, IRQ , and
IRQ are unmasked
Exception handling,
or I
1, UI
1
a.
b.
2
3
All interrupts are
masked except NMI
c.
UI
0
I
0
Exception handling,
or UI
1
I
0
I
1, UI
0
←←
←
←
←
←
←←
Figure 5.5 Interrupt Masking State Transitions (Example)
Figure 5.6 is a flowchart showing how interrupts are accepted when UE = 0.
• If an interrupt condition occurs and the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
• When the interrupt controller receives one or more interrupt requests, it selects the highest-
priority request, following the IPR interrupt priority settings, and holds other requests pending.
If two or more interrupts with the same IPR setting are requested simultaneously, the interrupt
controller follows the priority order shown in table 5.3.
• The interrupt controller checks the I bit. If the I bit is cleared to 0, the selected interrupt request
is accepted regardless of its IPR setting, and regardless of the UI bit. If the I bit is set to 1 and
the UI bit is cleared to 0, only NMI and interrupts with priority level 1 are accepted; interrupt
requests with priority level 0 are held pending. If the I bit and UI bit are both set to 1, only
NMI is accepted; all other interrupt requests are held pending.
• When an interrupt request is accepted, interrupt exception handling starts after execution of the
current instruction has been completed.
• In interrupt exception handling, PC and CCR are saved to the stack area. The PC value that is
saved indicates the address of the first instruction that will be executed after the return from the
interrupt service routine.
• The I and UI bits are set to 1 in CCR, masking all interrupts except NMI.
• The vector address of the accepted interrupt is generated, and the interrupt service routine
starts executing from the address indicated by the contents of the vector address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com