công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7721 bảng dữ liệu(PDF) 279 Page - Renesas Technology Corp

tên linh kiện 7721
Giải thích chi tiết về linh kiện  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 bảng dữ liệu(HTML) 279 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 275Page - Renesas Technology Corp 7721 Datasheet HTML 276Page - Renesas Technology Corp 7721 Datasheet HTML 277Page - Renesas Technology Corp 7721 Datasheet HTML 278Page - Renesas Technology Corp 7721 Datasheet HTML 279Page - Renesas Technology Corp 7721 Datasheet HTML 280Page - Renesas Technology Corp 7721 Datasheet HTML 281Page - Renesas Technology Corp 7721 Datasheet HTML 282Page - Renesas Technology Corp 7721 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 577 page
background image
7721 Group User’s Manual
12–28
A-D CONVERTER
12.9 Precautions for A-D converter
12.9 Precautions for A-D converter
1. Writing to the following must be performed before a trigger occurs (while the A-D converter halts).
•Each bit (except bit 6) of the A-D control register
•Each bit of the A-D sweep pin select register
_____
2. When an external trigger is selected, the AN7/ADTRG pin is disconnected from the comparator. Therefore,
this pin cannot be used as an analog input pin.
When the AN7 pin is selected as an analog input pin while an external trigger is selected, the A-D
converter operates, however, an undefined value is stored into the A-D register 7.
3. Refer to “Appendix. 8 Countermeasure against noise” when using the A-D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More