công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3004 bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp

tên linh kiện H8/3004
Giải thích chi tiết về linh kiện  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 65Page - Renesas Technology Corp H8/3004 Datasheet HTML 66Page - Renesas Technology Corp H8/3004 Datasheet HTML 67Page - Renesas Technology Corp H8/3004 Datasheet HTML 68Page - Renesas Technology Corp H8/3004 Datasheet HTML 69Page - Renesas Technology Corp H8/3004 Datasheet HTML 70Page - Renesas Technology Corp H8/3004 Datasheet HTML 71Page - Renesas Technology Corp H8/3004 Datasheet HTML 72Page - Renesas Technology Corp H8/3004 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 497 page
background image
3.2 Mode Control Register (MDCR)
MDCR is an 8-bit read-only register that indicates the current operating mode of the H8/3004 and
H8/3005.
Bits 7 and 6—Reserved: Read-only bits, always read as 1.
Bits 5 to 2—Reserved: Read-only bits, always read as 0.
Bits 1 and 0—Mode Select 1 and 0 (MDS1 and MDS0): These bits indicate the logic levels at
pins MD1 and MD0 (the current operating mode). MDS1 and MDS0 correspond to MD1 and
MD0. MDS1 and MDS0 are read-only bits. The mode pin (MD1 and MD0) levels are latched
when MDCR is read.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
0
—
4
—
0
—
3
—
0
—
0
MDS0
—
R
2
—
0
—
1
MDS1
—
R
**
Mode select 1 and 0
Bits indicating the current
operating mode
Reserved bits
Note:
Determined by pins MD and MD .
*
10
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More