công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3004 bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện H8/3004
Giải thích chi tiết về linh kiện  Microcomputer
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3004 bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button H8/3004 Datasheet HTML 63Page - Renesas Technology Corp H8/3004 Datasheet HTML 64Page - Renesas Technology Corp H8/3004 Datasheet HTML 65Page - Renesas Technology Corp H8/3004 Datasheet HTML 66Page - Renesas Technology Corp H8/3004 Datasheet HTML 67Page - Renesas Technology Corp H8/3004 Datasheet HTML 68Page - Renesas Technology Corp H8/3004 Datasheet HTML 69Page - Renesas Technology Corp H8/3004 Datasheet HTML 70Page - Renesas Technology Corp H8/3004 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 497 page
background image
Section 3 MCU Operating Modes
3.1 Overview
3.1.1 Operating Mode Selection
The H8/3004 and H8/3005 have two operating modes (modes 1 and 3) that are selected by the
mode pins (MD1 and MD0) as indicated in table 3-1.
Table 3-1 Operating Mode Selection
Mode Pins
Description
Operating Mode
MD1
MD0
Address Space
On-Chip RAM
—0
0
—
—
Mode 1
0
1
1 Mbyte
Enabled*
—1
0
—
—
Mode 3
1
1
16 Mbyte
Enabled*
Note: * If the RAM enable bit (RAME) in the system control register (SYSCR) is cleared to 0,
these addresses become external addresses.
For the address space size there are two choices: 1 Mbyte or 16 Mbyte.
Modes 1 and 3 are external expansion modes that enable an external memory peripheral device to
be accessed.
Modes 1 support a maximum address space of 1 Mbyte. Mode 3 supports a maximum address
space of 16 Mbytes.
The H8/3004 and H8/3005 can only be used in modes 1 and 3. The inputs at the mode pins must
select modes 1 and 3. The inputs at the mode pins must not be changed during operation.
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More