| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7220 bảng dữ liệu(PDF) 153 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 bảng dữ liệu(HTML) 153 Page - Renesas Technology Corp |
|
153 / 303 page ![]() M37220M3-XXXSP/FP 4.5 Functional description 4-15 7220 Group User’s Manual Vector addresses Note: Reset are included in the table because it operates in the same way as interrupts. The different interrupt-related registers from those of M37221M6-XXXSP/FP are shown in the following pages. 4.5.4 Interrupts The M37220M3-XXXSP/FP has 13 sources (reset is included) of interrupts. Table 4.5.3 Interrupt sources, vector addresses and priority Priority 1 2 3 4 5 6 7 8 9 10 11 12 13 Interrupt sources Reset (Note) CRT interrupt INT2 interrupt INT1 interrupt Timer 4 interrupt f(XIN)/4096 interrupt VSYNC interrupt Timer 3 interrupt Timer 2 interrupt Timer 1 interrupt Serial I/O interrupt INT3 interrupt BRK instruction interrupt Remarks Non-maskable Active edge selectable Active edge selectable Active edge selectable Active edge selectable Non-maskable (software interrupt) High-order byte FFFF16 FFFD16 FFFB16 FFF916 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE516 FFDF16 Low-order byte FFFE16 FFFC16 FFFA16 FFF816 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE416 FFDE16 |