| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32182 bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32182 bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 755 page ![]() 1 1-5 OVERVIEW 32182 Group User’s Manual (Rev.1.0) 1.2 Block Diagram 1.2 Block Diagram Figure 1.2.1 shows a block diagram of the 32182. The features of each block are described in Table 1.2.1. Figure 1.2.1 Block Diagram of the 32182 PLL Clock Generator Internal Bus Interface Address Data Internal RAM (64 Kbytes) Internal Flash Memory (M32182F3: 384 Kbytes) (M32182F8: 1 Mbyte) M32R-FPU Core (80 MHz) Multiplier/Accumulator (32 bits × 16 bits + 56 bits) DMAC (10 channels) Multijunction Timer (37 channels) Serial I/O (4 channels) A-D Converter (A-D0: 10-bit converter, 12 channels) Wait Controller Interrupt Controller (23 sources, 8 levels) Real-Time Debugger (RTD) External Bus Interface Input/output ports, 97 lines Full CAN (2 channels) Single-precision FPU (fully IEEE 754 compliant) Internal Power Supply Generator (VDC) |