| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32182 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32182 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 755 page ![]() (9) 17.3 Example of RAM Backup for Saving Power Consumption ---------------------------------------------------- 17-5 17.3.1 Normal Operating State --------------------------------------------------------------------------------------- 17-5 17.3.2 RAM Backup State --------------------------------------------------------------------------------------------- 17-6 17.3.3 Precautions to Be Observed at Power-On --------------------------------------------------------------- 17-7 17.4 Exiting RAM Backup Mode (Wakeup) ------------------------------------------------------------------------------ 17-8 CHAPTER 18 OSCILLATOR CIRCUIT 18.1 Oscillator Circuit ---------------------------------------------------------------------------------------------------------- 18-2 18.1.1 Example of an Oscillator Circuit ---------------------------------------------------------------------------- 18-2 18.1.2 XIN Oscillation Stoppage Detection Circuit -------------------------------------------------------------- 18-3 18.1.3 Oscillation Drive Capability Select Function ------------------------------------------------------------- 18-5 18.1.4 System Clock Output Function ------------------------------------------------------------------------------ 18-7 18.1.5 Oscillation Stabilization Time at Power-On -------------------------------------------------------------- 18-7 18.2 Clock Generator Circuit ------------------------------------------------------------------------------------------------ 18-8 CHAPTER 19 JTAG 19.1 Outline of JTAG ---------------------------------------------------------------------------------------------------------- 19-2 19.2 Configuration of the JTAG Circuit ------------------------------------------------------------------------------------ 19-3 19.3 JTAG Registers ---------------------------------------------------------------------------------------------------------- 19-4 19.3.1 Instruction Register (JTAGIR) ------------------------------------------------------------------------------- 19-4 19.3.2 Data Register ---------------------------------------------------------------------------------------------------- 19-5 19.4 Basic Operation of JTAG ---------------------------------------------------------------------------------------------- 19-6 19.4.1 Outline of JTAG Operation ----------------------------------------------------------------------------------- 19-6 19.4.2 IR Path Sequence ---------------------------------------------------------------------------------------------- 19-8 19.4.3 DR Path Sequence -------------------------------------------------------------------------------------------- 19-9 19.4.4 Inspecting and Setting Data Registers -------------------------------------------------------------------- 19-10 19.5 Boundary Scan Description Language ----------------------------------------------------------------------------- 19-11 19.6 Notes on Board Design when Connecting JTAG ---------------------------------------------------------------------- 19-12 19.7 Processing Pins when Not Using JTAG ---------------------------------------------------------------------------- 19-13 CHAPTER 20 POWER SUPPLY CIRCUIT 20.1 Configuration of the Power Supply Circuit ------------------------------------------------------------------------- 20-2 20.2 Power-On Sequence ---------------------------------------------------------------------------------------------------- 20-3 20.2.1 Power-On Sequence when Not Using RAM Backup -------------------------------------------------- 20-3 20.2.2 Power-On Sequence when Using RAM Backup -------------------------------------------------------- 20-4 20.3 Power-Off Sequence ---------------------------------------------------------------------------------------------------- 20-5 20.3.1 Power-Off Sequence when Not Using RAM Backup -------------------------------------------------- 20-5 20.3.2 Power-Off Sequence when Using RAM Backup ------------------------------------------------------- 20-6 CHAPTER 21 ELECTRICAL CHARACTERISTICS 21.1 Absolute Maximum Ratings ------------------------------------------------------------------------------------------- 21-2 21.2 Electrical Characteristics when VCCE = 5 V, f(XIN) = 10 MHz ---------------------------------------------- 21-3 21.2.1 Recommended Operating Conditions (when VCCE = 5 V, f(XIN) = 10 MHz) ------------------- 21-3 21.2.2 D.C. Characteristics (when VCCE = 5 V, f(XIN) = 10 MHz) ----------------------------------------- 21-5 21.2.3 A-D Conversion Characteristics (when VCCE = 5 V, f(XIN) = 10 MHz) -------------------------- 21-6 |