công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 333 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 333 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 329Page - Renesas Technology Corp SH7713 Datasheet HTML 330Page - Renesas Technology Corp SH7713 Datasheet HTML 331Page - Renesas Technology Corp SH7713 Datasheet HTML 332Page - Renesas Technology Corp SH7713 Datasheet HTML 333Page - Renesas Technology Corp SH7713 Datasheet HTML 334Page - Renesas Technology Corp SH7713 Datasheet HTML 335Page - Renesas Technology Corp SH7713 Datasheet HTML 336Page - Renesas Technology Corp SH7713 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 904 page
background image
Section 9 User Break Controller
Rev.1.50 Aug. 30, 2006 Page 293 of 860
REJ09B0288-0150
6. Note the following when a break occurs in a delay slot.
If a pre-execution break is set at the delay slot instruction of the RTE instruction, the break
does not occur until the branch destination of the RTE instruction.
7. User breaks are disabled during UBC module standby mode. Do not read from or write to the
UBC registers during UBC module standby mode; the values are not guaranteed.
8. When the repeat loop of the DSP extended function is used, even though a break condition is
satisfied during execution of the entire repeat loop or several instructions in the repeat loop, the
break may be held. For details, see section 4, Exception Handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More