công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 243 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 243 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 239Page - Renesas Technology Corp SH7713 Datasheet HTML 240Page - Renesas Technology Corp SH7713 Datasheet HTML 241Page - Renesas Technology Corp SH7713 Datasheet HTML 242Page - Renesas Technology Corp SH7713 Datasheet HTML 243Page - Renesas Technology Corp SH7713 Datasheet HTML 244Page - Renesas Technology Corp SH7713 Datasheet HTML 245Page - Renesas Technology Corp SH7713 Datasheet HTML 246Page - Renesas Technology Corp SH7713 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 904 page
background image
Section 5 Memory Management Unit (MMU)
Rev.1.50 Aug. 30, 2006 Page 203 of 860
REJ09B0288-0150
Virtual address 1 H'00000000
→ physical address H'00000C00
Virtual address 2 H'00000C00
→ physical address H'00000C00
Virtual address 1 is recorded in cache entry H'000, and virtual address 2 in cache entry H'0C0.
Since two virtual addresses are recorded in different cache entries despite the fact that the physical
addresses are the same, memory inconsistency will occur as soon as a write is performed to either
virtual address.
Consequently, the following restrictions apply to the recording of address translation information
in TLB entries.
1. When address translation information whereby a number of 1-kbyte page TLB entries are
translated into the same physical address is recorded in the TLB, ensure that the VPN [n:10]
are the same.
2. When address translation information whereby a number of 4-kbyte page TLB entries are
translated into the same physical address is recorded in the TLB, ensure that the VPN [n:12] is
the same.
3. Do not use the same physical addresses for address translation information of different page
sizes.
The above restrictions apply only when performing accesses using the cache.
Note:
When multiple items of address translation information use the same physical memory to
provide for future SuperH RISC engine family expansion, ensure that the VPN bits 20 to
10 are the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More