công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 495 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 495 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 491Page - Renesas Technology Corp SH7713 Datasheet HTML 492Page - Renesas Technology Corp SH7713 Datasheet HTML 493Page - Renesas Technology Corp SH7713 Datasheet HTML 494Page - Renesas Technology Corp SH7713 Datasheet HTML 495Page - Renesas Technology Corp SH7713 Datasheet HTML 496Page - Renesas Technology Corp SH7713 Datasheet HTML 497Page - Renesas Technology Corp SH7713 Datasheet HTML 498Page - Renesas Technology Corp SH7713 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 455 of 860
REJ09B0288-0150
signal or other bus control signals. The states that do not allow bus mastership release are shown
below.
1. 16-byte transfer because of a cache miss
2. During copyback operation for the cache
3. Between the read and write cycles of a TAS instruction
4. Multiple bus cycles generated when the data bus width is smaller than the access size (for
example, between bus cycles when longword access is made to a memory with a data bus
width of 8 bits)
5. 16-byte transfer by the DMAC or E-DMAC
6. Setting the BLOCK bit in CMNCR to 1
Bits DPRTY[1:0] in CMNCR can select whether or not the bus request is received during DMAC
burst transfer.
This LSI has the bus mastership until a bus request is received from another device. Upon
acknowledging the assertion (low level) of the external bus request signal
BREQ, the LSI releases
the bus at the completion of the current bus cycle and asserts the
BACK signal. After the LSI
acknowledges the negation (high level) of the
BREQ signal that indicates the slave has released
the bus, it negates the
BACK signal and resumes the bus usage.
The SDRAM issues a all bank precharge command (PALL) when active banks exist and releases
the bus after completion of a PALL command.
The bus sequence is as follows. The address bus and data bus are placed in a high-impedance state
synchronized with the rising edge of CKIO. The bus mastership enable signal is asserted 0.5
cycles after the above timing, synchronized with the falling edge of CKIO. The bus control signals
(
BS, CSn, RAS, CAS, DQMxx, WEn (BEn), RD, and RD/WR) are placed in the high-impedance
state at subsequent rising edges of CKIO. Bus request signals are sampled at the falling edge of
CKIO.
The sequence for reclaiming the bus mastership from a slave is described below. 1.5 cycles after
the negation of
BREQ is detected at the falling edge of CKIO, the bus control signals are driven
high. The
BACK is negated at the next falling edge of the clock. The fastest timing at which actual
bus cycles can be resumed after bus control signal assertion is at the rising edge of the CKIO
where address and data signals are driven. Figure 12.46 shows the bus arbitration timing.
In an original slave device designed by the user, multiple bus accesses are generated continuously
to reduce the overhead caused by bus arbitration. In this case, to execute SDRAM refresh
correctly, the slave device must be designed to release the bus mastership within the refresh
interval time. To achieve this, the LSI instructs the
REFOUT pin to request the bus mastership



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com