| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7713 bảng dữ liệu(PDF) 360 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 bảng dữ liệu(HTML) 360 Page - Renesas Technology Corp |
|
360 / 904 page ![]() Section 11 On-Chip Oscillation Circuits Rev.1.50 Aug. 30, 2006 Page 320 of 860 REJ09B0288-0150 11.4 Register Description The CPG has the following register. For details on register addresses and register access size, refer to section 23, List of Registers. • Frequency control register (FRQCR) 11.4.1 Frequency Control Register (FRQCR) The frequency control register (FRQCR) is a 16-bit readable/writable register used to specify whether a clock is output from the CKIO pin, the frequency multiplication ratio of PLL circuit 1, and the frequency division ratio of the internal clock and the peripheral clock. Only word access can be used on the FRQCR register. FRQCR is initialized to H’1003 by a power-on reset, but retains its value in a manual reset and in standby mode. The write values to bits 15 to 13, 11 to 10, 7 to 6, and 3 should always be 0. Bit Bit Name Initial Value R/W Description 15 to 13 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 12 CKOEN 1 R/W Clock Output Enable CKOEN specifies whether a clock is output from the CKIO pin or the CKIO pin is placed in the level-fixed state in the standby mode, CKIO pin is fixed at low during STATUS 1 = L, and STATUSO = H, when CKOEN is set to 0. Therefore, the malfunction of an external circuit because of an unstable CKIO clock in releasing the standby mode can be prevented. The CKIO pin becomes to input pin regardless of the value of the CKOEN bit in clock operating mode 7. 0: CKIO pin goes to low level state in standby mode. 1: Clock is output from CKIO pin 11 10 0 0 R R Reserved These bits are always read as 0. The write value should always be 0. |