| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/62M bảng dữ liệu(PDF) 483 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M bảng dữ liệu(HTML) 483 Page - Renesas Technology Corp |
|
483 / 615 page ![]() Multiple Interrupts Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-166 Figure 2.14.1. Memory map of the interrupt control registers 004416 004516 004616 004716 004816 004916 004A16 004B16 004C16 004D16 004E16 004F16 005016 005116 005216 005316 005416 005516 005616 005716 005816 005916 005A16 005B16 005C16 005D16 005E16 005F16 INT1 interrupt control register (INT1IC) Timer B0 interrupt control register (TB0IC) Timer B2 interrupt control register (TB2IC) Timer A1 interrupt control register (TA1IC) Timer A3 interrupt control register (TA3IC) UART0 transmit interrupt control register (S0TIC) INT2 interrupt control register (INT2IC) INT0 interrupt control register (INT0IC) Timer B1 interrupt control register (TB1IC) Timer A0 interrupt control register (TA0IC) Timer A2 interrupt control register (TA2IC) Timer A4 interrupt control register (TA4IC) UART0 receive interrupt control register (S0RIC) UART1 transmit interrupt control regster(S1TIC) UART1 receive interrupt control register(S1RIC) DMA1 interrupt control register (DM1IC) DMA0 interrupt control register (DM0IC) Key input interrupt control register(KUPIC) A-D conversion interrupt control register (ADIC) Bus collision detection interrupt control register (BCNIC) UART2 transmit interrupt control register (S2TIC) UART2 receive interrupt control register (S2RIC) INT3 interrupt control register (INT3IC) Timer B5 interrupt control register (TB5IC) Timer B3 interrupt control register (TB3IC) Timer B4 interrupt control register (TB4IC) SI/O4 interrupt control register (S4IC) INT5 interrupt control register (INT5IC) SI/O3 interrupt control register (S4IC) INT4 interrupt control register (INT4IC) 2.14 Multiple interrupts Usage 2.14.1 Overview of the Multiple interrupts usage The following is an overview of the multiple interrupts usage. (1) Interrupt control Descriptions are given here regarding how to enable or disable maskable interrupts and how to set the priority to be accepted. What is described here does not apply to non-maskable interrupts. Enable or disable a non-maskable interrupt using the interrupt enable flag (I flag), interrupt priority level selection bit, or processor interrupt priority level (IPL). Whether an interrupt request is present or absent is indicated by the interrupt request bit. The interrupt request bit and the interrupt priority level select bit are located in the interrupt control register of each interrupt. Also, the interrupt enable flag (I flag) and the IPL are located in the flag register (FLG). Figure 2.14.1 shows the memory map of the interrupt control registers, and Figure 2.14.2 shows the interrupt control registers. |